| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC143XG-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC143XG-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC143X NPN DIGITAL TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-079.Da NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT TO-92 1 TO-92SP 1 SOT-23 3 2 1 SOT-323 3 2 1 SOT-523 3 2 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC143XL-AE3-R DTC143XG-AE3-R SOT-23 E B C Tape Reel DTC143XL-AL3-R DTC143XG-AL3-R SOT-323 E B C Tape Reel DTC143XL-AN3-R DTC143XG-AN3-R SOT-523 E B C Tape Reel DTC143XL-T92-B DTC143XG-T92-B TO-92 E B C Tape Box DTC143XL-T92-K DTC143XG-T92-K TO-92 E B C Bulk DTC143XL-T92-R DTC143XG-T92-R TO-92 E B C Tape Reel DTC143XL-T9S-K DTC143XL-T9S-K TO-92SP E B C Bulk (1) B: Tape Box, K: Bulk, R: Tape Reel (2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523, T92: TO-92, T9S: TO-92SP (3) G: Halogen Free, L: Lead Free DTC143XL-AE3-R (1)Packing Type (2)Package Type (3)Lead Free MARKING(For SOT Package) CE3X X: Halogen Free X: Lead Free |
Numéro de pièce similaire - DTC143XG-T92-R |
|
Description similaire - DTC143XG-T92-R |