Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DTC143XL-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce DTC143XL-T92-R
Description  NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC143XL-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies

  DTC143XL-T92-R Datasheet HTML 1Page - Unisonic Technologies DTC143XL-T92-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
DTC143X
NPN DIGITAL TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R206-079.Da
NPN DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
* Built-in bias resistors that implies easy ON/OFF applications.
* The bias resistors are thin-film resistors with complete isolation to
allow negative input.
EQUIVALENT CIRCUIT
TO-92
1
TO-92SP
1
SOT-23
3
2
1
SOT-323
3
2
1
SOT-523
3
2 1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
DTC143XL-AE3-R
DTC143XG-AE3-R
SOT-23
E
B
C
Tape Reel
DTC143XL-AL3-R
DTC143XG-AL3-R
SOT-323
E
B
C
Tape Reel
DTC143XL-AN3-R
DTC143XG-AN3-R
SOT-523
E
B
C
Tape Reel
DTC143XL-T92-B
DTC143XG-T92-B
TO-92
E
B
C
Tape Box
DTC143XL-T92-K
DTC143XG-T92-K
TO-92
E
B
C
Bulk
DTC143XL-T92-R
DTC143XG-T92-R
TO-92
E
B
C
Tape Reel
DTC143XL-T9S-K
DTC143XL-T9S-K
TO-92SP
E
B
C
Bulk
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AE3: SOT-23, AL3: SOT-323, AN3: SOT-523,
T92: TO-92, T9S: TO-92SP
(3) G: Halogen Free, L: Lead Free
DTC143XL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Free
MARKING(For SOT Package)
CE3X
X: Halogen Free
X: Lead Free


Numéro de pièce similaire - DTC143XL-T92-R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
DTC143X ROHM-DTC143X Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTC143X ROHM-DTC143X Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
First Silicon Co., Ltd
DTC143X FS-DTC143X Datasheet
162Kb / 2P
Bias Resistor Transistor
logo
Rohm
DTC143XA ROHM-DTC143XA Datasheet
878Kb / 3P
DTA/DTC SERIES
More results

Description similaire - DTC143XL-T92-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114E UTC-DTC114E Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC115E UTC-DTC115E Datasheet
178Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123J UTC-DTC123J Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143E UTC-DTC143E Datasheet
152Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143Z UTC-DTC143Z_11 Datasheet
150Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2