| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC143TL-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC143TL-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC143T NPN SILICON TRANSISTOR www.unisonic.com.tw 1of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R206-059,F NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC143TL-AE3-R DTC143TG-AE3-R SOT-23 E B C Tape Reel DTC143TL-AL3-R DTC143TG-AL3-R SOT-323 E B C Tape Reel DTC143TL-AN3-R DTC143TG-AN3-R SOT-523 E B C Tape Reel DTC143TL-T9S-K DTC143TG-T9S-K TO-92SP E C B Bulk Note: Pin Assignment: E: Emitter, B: Base, C: Collector MARKING (For SOT Package) |
Numéro de pièce similaire - DTC143TL-AL3-R |
|
Description similaire - DTC143TL-AL3-R |