| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB766AL-X-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB766AL-X-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB766A PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R204-028.B LOW FREQUENCY OUTPUT AMPLIFICATION FEATURES * Large collector power dissipation Pc. * Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing. ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SB766AL-x-AB3-R 2SB766AG-x-AB3-R SOT-89 B C E Tape Reel |
Numéro de pièce similaire - 2SB766AL-X-AB3-R |
|
Description similaire - 2SB766AL-X-AB3-R |