| Moteur de recherche de fiches techniques de composants électroniques |
|
C5SME-RJS-CT14QBB2 Fiches technique(PDF) 1 Page - Marktech Corporate |
|
|
|||||||||||||||||||||||||||||
C5SME-RJS-CT14QBB2 Fiches technique(HTML) 1 Page - Marktech Corporate |
|
1 / 10 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps FEATURES • Size (mm): 5 • Color and Typical Dominant Wavelength (nm): » Red (621) » Green (527) » Blue (470) • Luminous Intensity (mcd) » C5SMF - Red (1100-4180) Green (2130-8200) Blue (550-2130) • » C5SME - Red (770-2130) • Lead-Free • RoHS-Compliant APPLICATIONS • Electronic Signs & Signals (ESS) • Full-Color Video Screen • Motorway Signs • Variable-Message Sign (VMS) • Advertising Signs • Petrol Signs Cree® Screen Master® 5-mm Oval LED C5SMF-RJS/GJS/BJS C5SME-RJS Data Sheet ThisovalLEDisspecificallydesignedforvariable-messagesignsandpassenger- informationsigns.Theoval-shapedradiationpatternandhighluminousintensity ensurethatthesedevicesareexcellentforwide-field-of-viewoutdoorapplications where a wide viewing angle and readability in sunlight are essential. Theselampsaremadewithanadvancedoptical-gradeepoxythatofferssuperior high-temperature and moisture-resistance performance in outdoor signage applications.TheencapsulationresincontainsUVinhibitorstominimizetheeffects oflong-termexposuretodirectsunlight,resultinginstablelightoutputoverthe lifeoftheLED. |
Numéro de pièce similaire - C5SME-RJS-CT14QBB2 |
|
Description similaire - C5SME-RJS-CT14QBB2 |