| Moteur de recherche de fiches techniques de composants électroniques |
|
CP41B-RHS-CM0Q0EE4 Fiches technique(PDF) 1 Page - Marktech Corporate |
|
|
|||||||||||||||||||||||||||||
CP41B-RHS-CM0Q0EE4 Fiches technique(HTML) 1 Page - Marktech Corporate |
|
1 / 10 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps Cree® P4 LED CP41B-RDS/ADS (40 degrees) CP41B-RFS/AFS (70 degrees) CP41B-RHS/AHS (100 degrees) Data Sheet This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This is possible through the efficient optical package design and high-current capabilities. The low-profile package can be easily coupled with reflectors or lenses to efficiently distribute light and provide the desired lit appearance. This product family employs red and amber LED materials, which allows designers to match the color of many lighting applications like vehicle signal lamps, channel letters and gaming-equipment lighting. FEATURES • Size (mm): 7.6 x 7.6 • Color and Typical Dominant Wavelength (nm): » Red (628) » Amber (591) • Luminous Flux (mlm) » CP41B-RDS (4400 - 11000) » CP41B-RFS (4400 - 11000) » CP41B-RHS (4400 - 13200) » CP41B-ADS (4400 - 11000) » CP41B-AFS (5500 - 13200) » CP41B-AHS (5500 - 13200) • Lead-Free • RoHS Compliant APPLICATIONS • Channel Letter • Amusement |
Numéro de pièce similaire - CP41B-RHS-CM0Q0EE4 |
|
Description similaire - CP41B-RHS-CM0Q0EE4 |