Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CP42B-RKS Fiches technique(PDF) 8 Page - Marktech Corporate

No de pièce CP42B-RKS
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP42B-RKS Fiches technique(HTML) 8 Page - Marktech Corporate

  CP42B-RKS Datasheet HTML 1Page - Marktech Corporate CP42B-RKS Datasheet HTML 2Page - Marktech Corporate CP42B-RKS Datasheet HTML 3Page - Marktech Corporate CP42B-RKS Datasheet HTML 4Page - Marktech Corporate CP42B-RKS Datasheet HTML 5Page - Marktech Corporate CP42B-RKS Datasheet HTML 6Page - Marktech Corporate CP42B-RKS Datasheet HTML 7Page - Marktech Corporate CP42B-RKS Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
CLD-CT1133.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Package
Features:
•
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
•
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
•
The boxes are not water resistant, and they must be kept away from water and moisture.
•
The Tube Pack type of packaging.
•
Max 60 pcs per tube.
Hu e
XX
AX XXX XXX XXX X
C OL OR LED LAMP
J OWAXXXXX -XX-XXX
LXXXXXXXX-XXX
LOT
T YPE
xxx xxx
Vf
XX
Iv
X
RANK
QT Y
P CS
R
R



Html Pages

1 2 3 4 5 6 7 8