Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CP41B-RDS-CL0P0EE4 Fiches technique(PDF) 9 Page - Marktech Corporate

No de pièce CP41B-RDS-CL0P0EE4
Description  Cree짰 P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP41B-RDS-CL0P0EE4 Fiches technique(HTML) 9 Page - Marktech Corporate

Back Button CP41B-RDS-CL0P0EE4 Datasheet HTML 2Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 3Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 4Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 5Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 6Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 7Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 8Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 9Page - Marktech Corporate CP41B-RDS-CL0P0EE4 Datasheet HTML 10Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage,
and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the “Cree LED
Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following
manner:



Html Pages

1 2 3 4 5 6 7 8 9 10