| Moteur de recherche de fiches techniques de composants électroniques |
|
Q67100-Q2001 Fiches technique(PDF) 2 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
Q67100-Q2001 Fiches technique(HTML) 2 Page - Siemens Semiconductor Group |
|
2 / 10 page ![]() Semiconductor Group 2 HYM 328020S/GS-50/-60 8M × 32-Bit The HYM 328020S/GS-50/-60 is a 32 MByte DRAM module organized as 8 388 608 words by 32-bit in a 72-pin single-in-line package comprising sixteen HYB 5117400BJ 4M × 4 DRAMs in 300 mil wide SOJ-packages mounted together with sixteen 0.2 µF ceramic decoupling capacitors on a PC board. The HYM 328020S/GS-50/-60 can also be used as a 16 777 360 words by 16-bits dynamic RAM module by means of connecting DQ0 and DQ16, DQ1 and DQ17, DQ2 and DQ18, … , DQ15 and DQ31, respectively. Each HYB 5117400BJ is described in the data sheet and is fully electrical tested and processed according to SIEMENS standard quality procedure prior to module assembly. After assembly onto the board, a further set of electrical tests is performed. The speed of the module can be detected by the use of four presence detect pins. The common I/O feature on the HYM 328020S/GS-50/-60 dictates the use of early write cycles. Ordering Information Type Ordering Code Package Description HYM 328020S-50 L-SIM-72-15 DRAM Module (access time 50 ns) HYM 328020S-60 Q67100-Q2001 L-SIM-72-15 DRAM Module (access time 60 ns) HYM 328020GS-50 L-SIM-72-15 DRAM Module (access time 50 ns) HYM 328020GS-60 Q67100-Q2008 L-SIM-72-15 DRAM Module (access time 60 ns) |