Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT400-1750 Fiches technique(PDF) 2 Page - API Delevan

No de pièce PT400-1750
Description  Power Toroids - Horizontal or Vertical Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  API [API Delevan]
Site Internet  http://www.delevan.com
Logo API - API Delevan

PT400-1750 Fiches technique(HTML) 2 Page - API Delevan

  PT400-1750 Datasheet HTML 1Page - API Delevan PT400-1750 Datasheet HTML 2Page - API Delevan PT400-1750 Datasheet HTML 3Page - API Delevan PT400-1750 Datasheet HTML 4Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
PT SERIES (continued)
A Max.
5
5
5
5
10
10
10
10
25
25
25
25
50
50
50
50
75
75
75
75
100
100
100
100
150
150
150
150
250
250
250
300
300
300
400
400
400
500
500
500
750
750
750
1000
1000
1000
0.015
0.012
0.010
0.008
0.020
0.015
0.010
0.008
0.035
0.025
0.020
0.014
0.050
0.030
0.025
0.020
0.060
0.040
0.035
0.025
0.080
0.050
0.035
0.028
0.100
0.060
0.050
0.040
0.130
0.080
0.055
0.150
0.100
0.075
0.250
0.180
0.110
0.220
0.160
0.090
0.350
0.280
0.150
0.620
0.420
0.200
6.1
7.4
10.6
12.8
4.9
6.8
9.3
13.2
4.4
6.6
7.0
10.4
3.8
5.6
7.0
11.0
3.9
5.2
7.4
10.6
3.5
5.1
7.8
10.3
3.4
5.7
7.7
12.3
3.8
6.1
9.1
3.3
5.5
7.3
2.4
4.7
6.0
3.4
5.0
8.0
2.6
3.7
6.4
1.8
3.1
5.9
0.53
0.70
0.80
1.00
0.53
0.68
0.82
0.99
0.68
0.80
0.90
1.00
0.78
0.90
1.02
1.32
0.90
0.98
1.26
1.55
1.00
1.10
1.26
1.55
1.04
1.25
1.50
2.05
1.20
1.50
1.80
1.20
1.50
1.75
1.20
1.50
1.75
1.45
1.75
2.05
1.40
1.70
2.05
1.40
1.75
2.05
13.46
17.78
20.32
25.40
13.46
17.27
20.83
25.15
17.27
20.32
22.86
25.40
19.81
22.86
25.91
33.53
22.86
24.89
32.00
39.37
25.40
27.94
32.00
39.37
26.42
31.75
38.10
52.07
30.48
38.10
45.72
30.48
38.10
44.45
30.48
38.10
44.45
36.83
44.45
52.07
35.56
43.18
52.07
35.56
44.45
52.07
B Max.
0.23
0.33
0.36
0.40
0.23
0.33
0.37
0.40
0.37
0.35
0.40
0.40
0.36
0.38
0.62
0.63
0.36
0.38
0.60
0.64
0.36
0.50
0.60
0.64
0.50
0.58
0.62
0.92
0.55
0.60
0.77
0.55
0.60
0.76
0.55
0.60
0.78
0.58
0.75
0.88
0.55
0.70
0.85
0.55
0.70
0.85
5.84
8.38
9.14
10.16
5.84
8.38
9.40
10.16
9.40
8.89
10.16
10.16
9.14
9.65
15.75
16.00
9.14
9.65
15.24
16.26
9.14
12.70
15.24
16.26
12.70
14.73
15.75
23.37
13.97
15.24
19.56
13.97
15.24
19.30
13.97
15.24
19.81
14.73
19.05
22.35
13.97
17.78
21.59
13.97
17.78
21.59
C Nominal
0.17
0.24
0.31
0.34
0.17
0.24
0.29
0.34
0.29
0.28
0.30
0.37
0.27
0.30
0.43
0.53
0.29
0.30
0.49
0.53
0.29
0.42
0.49
0.53
0.41
0.48
0.50
0.80
0.49
0.50
0.69
0.48
0.51
0.65
0.48
0.50
0.70
0.50
0.62
0.76
0.48
0.62
0.78
0.48
0.62
0.78
4.32
6.10
7.87
8.64
4.32
6.10
7.37
8.64
7.37
7.11
7.62
9.40
6.86
7.62
10.92
13.46
7.37
7.62
12.45
13.46
7.37
10.67
12.45
13.46
10.41
12.19
12.70
20.32
12.45
12.70
17.53
12.19
12.95
16.51
12.19
12.70
17.78
12.70
15.75
19.30
12.19
15.75
19.81
12.19
15.75
19.81
D Min.
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
0.50
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
12.7
E Nominal
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.032
0.040
0.051
0.025
0.036
0.051
0.025
0.032
0.045
0.020
0.025
0.040
0.025
0.036
0.045
0.020
0.025
0.036
0.016
0.025
0.032
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.81
1.02
1.30
0.64
0.91
1.30
0.64
0.81
1.14
0.51
0.64
1.02
0.64
0.91
1.14
0.51
0.64
0.91
0.41
0.64
0.81
F Nominal
0.450
0.600
0.720
0.950
0.450
0.600
0.720
0.950
0.580
0.700
0.820
0.950
0.680
0.790
0.920
1.220
0.770
0.890
1.200
1.500
0.880
0.890
1.200
1.500
0.880
1.160
1.420
2.000
1.200
1.450
1.750
1.200
1.400
1.750
1.150
1.400
1.750
1.400
1.700
2.000
1.400
1.660
2.000
1.360
1.660
2.000
11.43
15.24
18.30
24.13
11.43
15.24
18.30
24.13
14.73
17.78
20.83
24.13
17.27
20.07
23.37
30.99
19.56
22.61
30.48
38.10
22.35
22.61
30.48
38.10
22.35
29.46
36.07
50.80
30.48
36.83
44.45
30.48
35.56
44.45
29.21
35.56
44.45
35.56
43.18
50.80
35.56
42.16
50.80
34.54
42.16
50.80
ELECTRICAL
PHYSICAL PARAMETERS
Note: Vertical configuration is standard; add suffix “HM” for horizontal mounting
SERIES PT IRON CORE
PT5-530
PT5-700
PT5-800
PT5-1000
PT10-530
PT10-680
PT10-820
PT10-990
PT25-680
PT25-800
PT25-900
PT25-1000
PT50-780
PT50-900
PT50-1020
PT50-1320
PT75-900
PT75-980
PT75-1260
PT75-1550
PT100-1000
PT100-1100
PT100-1260
PT100-1550
PT150-1040
PT150-1250
PT150-1500
PT150-2050
PT250-1200
PT250-1500
PT250-1800
PT300-1200
PT300-1500
PT300-1750
PT400-1200
PT400-1500
PT400-1750
PT500-1450
PT500-1750
PT500-2000
PT750-1400
PT750-1700
PT750-2050
PT1000-1400
PT1000-1750
PT1000-2050
Power Toroids
FIGURE 1: STANDARD VERTICAL MOUNT
FIGURE 2: HORIZONTAL MOUNT
1/2009



Html Pages

1 2 3 4