Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS2811-1 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce PS2811-1
Description  LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2811-1 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button PS2811-1 Datasheet HTML 8Page - Renesas Technology Corp PS2811-1 Datasheet HTML 9Page - Renesas Technology Corp PS2811-1 Datasheet HTML 10Page - Renesas Technology Corp PS2811-1 Datasheet HTML 11Page - Renesas Technology Corp PS2811-1 Datasheet HTML 12Page - Renesas Technology Corp PS2811-1 Datasheet HTML 13Page - Renesas Technology Corp PS2811-1 Datasheet HTML 14Page - Renesas Technology Corp PS2811-1 Datasheet HTML 15Page - Renesas Technology Corp PS2811-1 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet PN10255EJ04V0DS
11
PS2811-1,PS2811-4
(4) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
collector-emitters at startup, the output transistor may enter the on state, even if the voltage is within the absolute
maximum ratings.
3. Measurement conditions of current transfer ratios (CTR), which differ according to photocoupler
Check the setting values before use, since the forward current conditions at CTR measurement differ according
to product.
When using products other than at the specified forward current, the characteristics curves may differ from the
standard curves due to CTR value variations or the like. Therefore, check the characteristics under the actual
operating conditions and thoroughly take variations or the like into consideration before use.
USAGE CAUTIONS
1. Protect against static electricity when handling.
2. Avoid storage at a high temperature and high humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16