Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY100S301JC Fiches technique(PDF) 2 Page - Micrel Semiconductor

No de pièce SY100S301JC
Description  TRIPLE 5-INPUT OR/NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICREL [Micrel Semiconductor]
Site Internet  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S301JC Fiches technique(HTML) 2 Page - Micrel Semiconductor

  SY100S301JC Datasheet HTML 1Page - Micrel Semiconductor SY100S301JC Datasheet HTML 2Page - Micrel Semiconductor SY100S301JC Datasheet HTML 3Page - Micrel Semiconductor SY100S301JC Datasheet HTML 4Page - Micrel Semiconductor SY100S301JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY100S301
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY100S301JC
J28-1
Commercial
SY100S301JC
Sn-Pb
SY100S301JCTR(1)
J28-1
Commercial
SY100S301JC
Sn-Pb
SY100S301JZ(2)
J28-1
Commercial
SY100S301JZ with
Matte-Sn
Pb-Free bar-line indicator
SY100S301JZTR(1, 2)
J28-1
Commercial
SY100S301JZ with
Matte-Sn
Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
2. Pb-Free package is recommended for new designs.
28-Pin PLCC (J28-1)
Ob
Ob
VCCA
VCC
Oc
VCC
D5a
VEE
D2b
D1b
D3b
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
Oc
D4b
26
18
25
5



Html Pages

1 2 3 4 5