Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6411FDFN Fiches technique(PDF) 77 Page - Renesas Technology Corp

No de pièce R5F6411FDFN
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FDFN Fiches technique(HTML) 77 Page - Renesas Technology Corp

Back Button R5F6411FDFN Datasheet HTML 73Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 74Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 75Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 76Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 77Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 78Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 79Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 80Page - Renesas Technology Corp R5F6411FDFN Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 77 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =5V
Timing Requirements (VCC1 =VCC2 = 4.2 to 5.5 V, VSS =0 V, and Ta =Topr, unless otherwise noted)
Table 5.27
Timer B Input (counting input in event counter mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time (one edge counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (one edge counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (one edge counting)
80
ns
tc(TB)
TBiIN input clock cycle time (both edges counting)
200
ns
tw(TBH)
TBiIN input high level pulse width (both edges counting)
80
ns
tw(TBL)
TBiIN input low level pulse width (both edges counting)
80
ns
Table 5.28
Timer B Input (pulse period measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns
Table 5.29
Timer B Input (pulse-width measure mode)
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(TB)
TBiIN input clock cycle time
400
ns
tw(TBH)
TBiIN input high level pulse width
180
ns
tw(TBL)
TBiIN input low level pulse width
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com