| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F64571LFD Fiches technique(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64571LFD Fiches technique(HTML) 39 Page - Renesas Technology Corp |
|
39 / 134 page ![]() REJ03B0234-0110 Rev.1.10 Page 39 of 129 Nov 09, 2010 R32C/157 Group 4. Special Function Registers (SFRs) Note: 1. The status of protect bit of each block in flash memory is reflected. Table 4.20 SFR List (20) Address Register Symbol Reset Value 040000h Flash Memory Control Register 0 FMR0 0X01 XX00b 040001h Flash Memory Status Register 0 FMSR0 1000 0000b 040002h 040003h 040004h 040005h 040006h 040007h 040008h Flash Register Protection Unlock Register 0 FPR0 00h 040009h Flash Memory Control Register 1 FMR1 0000 0010b 04000Ah Block Protect Bit Monitor Register 0 FBPM0 ??X? ????b (1) 04000Bh Block Protect Bit Monitor Register 1 FBPM1 XXX? ????b (1) 04000Ch 04000Dh 04000Eh 04000Fh 040010h 040011h 040012h 040013h 040014h 040015h 040016h 040017h 040018h 040019h 04001Ah 04001Bh 04001Ch 04001Dh 04001Eh 04001Fh 040020h PLL Control Register 0 PLC0 0000 0001b 040021h PLL Control Register 1 PLC1 0001 1111b 040022h 040023h 040024h PLL Status Register PLS 1XXX XX00b 040025h 040026h 040027h 040028h 040029h 04002Ah 04002Bh 04002Ch 04002Dh 04002Eh 04002Fh X: Undefined Blanks are reserved. No access is allowed. |