Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64110NFB Fiches technique(PDF) 96 Page - Renesas Technology Corp

No de pièce R5F64110NFB
Description  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64110NFB Fiches technique(HTML) 96 Page - Renesas Technology Corp

Back Button R5F64110NFB Datasheet HTML 92Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 93Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 94Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 95Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 96Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 97Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 98Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 99Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 96 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
Figure 5.9
External Bus Timing for Multiplexed Bus
CS0 to CS3
A23 to A8, BC0 and
BC1
RD
D15 to D8
t h(R-D)
t h(R-S)
External bus timing (multiplexed bus)
Read cycle
t w(R)
t su(S-ALE)
t h(R-A)
t su(A-ALE)
Write cycle
WR, WR0 and WR1
t su(D-R)
Measurement conditions
ALE
t w(ALE)
Address
t su(A-ALE)
A15/D15 to A0/D0,
BC0/D0
Data
t h(ALE-A)
t d(ALE-R)
t h(R-D)
t su(D-R)
CS0 to CS3
A23 to A8, BC0 and
BC1
D15 to D8
t h(W-D)
t h(W-S)
t w(W)
t su(S-ALE)
t h(W-A)
t su(A-ALE)
t su(D-W)
ALE
t w(ALE)
Address
t su(A-ALE)
A15/D15 to A0/D0,
BC0/D0
Data
t h(ALE-A)
t d(ALE-W)
t h(W-D)
t su(D-W)
t dis(R-A)
t dis(R-D)
t cR
t cW
Criterion for
input voltage
Criterion for
output voltage
VIH
VIL
VOH
VOL
2.5 V
0.8 V
2.0 V
0.8 V
1.5 V
0.5 V
2.4 V
0.5 V
Item
V
= V
= 4.2 to 5.5 V
CC1
CC2
V
= V
= 3.0 to 3.6 V
CC1
CC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com