Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F10RBCAFP Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Fiches technique(HTML) 3 Page - Renesas Technology Corp

  R5F10RBCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
RL78/L12
1. OUTLINE
Page 3 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.3 Pin Configuration (Top View)
1.3.1 32-pin products
• 32-pin plastic LQFP (7 × 7)
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
24 23 22 21 20 19 18 17
1 2 3 4 5 6 7 8
P21/ANI1/AVREFM
P20/ANI0/AVREFP
P14/ANI19/SEG32
P13/ANI18/TI00/SEG31
P12/SO00/TXD0/TOOLTxD/KR0/SEG30/(TI02)/(TO02)
P11/SI00/RXD0/TOOLRxD/KR1/SEG29/(INTP2)
P10/SCK00/TI07/TO07/KR2/SEG28/(INTP1)
P140/TO00/PCLBUZ0/KR3/SEG27
P30/TI01/TO01/SEG19
VL4
VL2
VL1
P126/CAPL
P127/CAPH
P61/SDAA0/SEG20
P60/SCLA0/SEG21
Caution
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF).
Remarks 1. For pin identification, see 1.4
Pin Identification.
2. Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O
redirection register (PIOR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76