| Moteur de recherche de fiches techniques de composants électroniques |
|
C511 Fiches technique(PDF) 28 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
C511 Fiches technique(HTML) 28 Page - Siemens Semiconductor Group |
|
28 / 43 page ![]() Semiconductor Group 28 C511 / C513 Table 13 Interrupt Sources and their Corresponding Interrupt Vectors A low-priority interrupt can itself be interrupted by a high-priority interrupt, but not by another low- priority interrupt. A high-priority interrupt cannot be interrupted by any other interrupt source. If two requests of different priority level are received simultaneously, the request of higher priority is serviced. If requests of the same priority are received simultaneously, an internal polling sequence determines which request is serviced. Thus within each priority level there is a second priority structure determined by the polling sequence as shown in table 14. Source (Request Flags) Vector Vector Address IE0 TF0 IE1 TF1 RI + TI TF2 + EXF2 SSCI External interrupt 0 Timer 0 interrupt External interrupt 1 Timer 1 interrupt USART serial port interrupt, (C513/C513A/C513A-H only) Timer 2 interrupt Synchronous serial channel interrupt (SSC) 0003H 000BH 0013H 001BH 0023H 002BH 0043H Table 14 Priority-within-Level Structure Interrupt Source Priority External Interrupt 0, IE0 Synchronous Serial Channel SSC Timer 0 Interrupt, TF0 External Interrupt 1, IE1 Timer 1 Interrupt, TF1 Universal Serial Channel, RI or TI Timer 2 Interrupt, TF2 or EXF2 High ↓ Low |