Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLF1MB-C Fiches technique(PDF) 8 Page - PANDUIT CORP.

No de pièce PLF1MB-C
Description  Material & Color Availability Chart
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MB-C Fiches technique(HTML) 8 Page - PANDUIT CORP.

Back Button PLF1MB-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 5Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 6Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 7Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 8Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 9Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 10Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Part Number System for Contour‐Ty® and Belt‐Ty™ Cable Ties 
CBR
2
S
M
Type
Size
Cross Section
Package Size
Material/Color
CBR
ILT
= Locking Tie
= Locking Tie
Approx.
Maximum
Bundle
Dia. (In)
M
I
S
HS
LH
= Miniature
= Intermediate
= Standard
= Heavy-Standard
= Light-Heavy
C
TL
D
M
= 100
= 250
= 500
= 1000
See below
Part Number System for IN‐LINE and Hyper‐V™ Cable Ties 
IT
9
100
C
Type
Width
Size
Package Size
Material/Color
HV
IT
= Locking Tie
= Locking Tie
Approx.
Width
(mm)
Approx.
Max. Bundle
Dia. (mm)
C = 100
See below
Part Number System for Elastomeric Cable Ties 
ERT
2
M
C
Type
Size
Cross Section
Package Size
Material/Color
ERT = Elastomeric
Releasable Tie
Approx. Max.
Bundle Dia. (In)
M = Miniature
C
= 100
See below
Material and Color Chart
Material
Color
Panduit
Suffix
Material
Color
Panduit
Suffix
Nylon 6.6
Natural
Nylon 6.6
Ultraviolet Red
UV2
Weather Resistant Nylon 6.6
Black
0
Nylon 6.6
Ultraviolet Bright Red
UV2A
Nylon 6.6
Brown
1
Nylon 6.6
Ultraviolet Yellow
UV4Y
Nylon 6.6
Red
2
Nylon 6.6
Ultraviolet Butterscotch
UV4A
Nylon 6.6
Orange
3
Nylon 6.6
Ultraviolet Green
UV5A
Nylon 6.6
Yellow
4Y
Nylon 6.6
Ultraviolet Hunter Green
UV5B
Nylon 6.6
Green
5
Nylon 6.6
Ultraviolet Dark Blue
UV6
Nylon 6.6
Blue
6
Nylon 6.6
Ultraviolet Light Blue
UV6A
Nylon 6.6
Purple
7
Nylon 6.6
Ultraviolet Cobalt Blue
UV6B
Nylon 6.6
Gray
8
Nylon 6.6
Ultraviolet Purple
UV7A
Nylon 6.6
White
10
Nylon 6.6
Ultraviolet Gray
UV8
TPU
Black
20
Nylon 6.6
Ultraviolet Teal
UV11
Heat Stabilized Nylon 6.6
Black
30
Nylon 6.6
Ultraviolet Magenta
UV16B
Heat Stabilized Nylon 6.6
Natural
39
Nylon 6.6
Ultraviolet Tan
UV18
Flame Retardant Nylon 6.6
Natural (Ivory)
69
Denotes Panduit Natural Nylon 6.6 (no suffix).
Part Number Availability List
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6
Material/Color Suffix
Part Number
Natural
Nylon 6.6
Material/Color Suffix
CBR1M-M
0, 30
CBR1.5M-M
0
CBR2M-M
0, 1, 2, 3, 4Y, 5, 6, 7, 10
CBR1.5I-M
0, 30
CBR3I-M
0, 1, 2, 3, 4Y, 5, 6, 7, 8, 10
CBR4I-M
0
CBR2S-M
0, 30, 39
CBR3S-M
0, 30, 69
CBR4S-M
0, 30
CBR2HS-D
0
CBR4LH-TL
0, 30
CBR6LH-C
0, 30
ERT2M-C
20
ERT3M-C
20
ERT4.5M-C
20
HV965-C
0
HV9100-C
0
HV9150-C
0
HV9250-C
0
ILT2S-C
0
ILT2S-M
0
ILT3S-C
0
ILT3S-M
0
ILT4S-C
0
ILT4S-M
0
ILT4LH-TL
0
ILT6LH-C
0
IT940-C
0
IT965-C
0
IT9100-C
0, UV2,4Y,6,6A,7A,8,16B
IT9115-C
0, UV2,2A,4Y,4A,5A,5B, 6,6A,6B,7A, 8,11,16B, 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com