Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLF1MA-C Fiches technique(PDF) 2 Page - PANDUIT CORP.

No de pièce PLF1MA-C
Description  Material & Color Availability Chart
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MA-C Fiches technique(HTML) 2 Page - PANDUIT CORP.

  PLF1MA-C Datasheet HTML 1Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 2Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 5Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 6Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 7Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 8Page - PANDUIT CORP. PLF1MA-C Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Part Number System for Pan‐Ty® Cable Ties 
PLT
2
S
C
Type
Size
Cross Section
Screw Hole Size
(Clamp Ties Only)
Package Size
Mat’l /
Color
PLT
PRT
PLC
PLF
PLM
PLP
PLWP
PRLWP
PRWP
PLUP
= Locking Tie
= Releasable Tie
= Locking Clamp
= Locking Flag
= Locking Marker
= Locking Push Mount
= Locking Wing Push Mount
= Releasable Ladder Wing Push Mt.
= Releasable Wing Push Mount
= Locking Umbrella Push Mount
Approx.
Maximum
Bundle
Dia. (In)
SM
M
I
S
LH
H
EH
= Subminiature
= Miniature
= Intermediate
= Standard
= Light-Heavy
= Heavy
= Extra-Heavy
–
S4
–
S6
–
S8
–
S10
–
S25
= #4(M2.5)
= #6 (M3)
= #8 (M4)
= #10 (M5)
= 1/4 (M6)
Q
L
C
TL
D
M
VMR
XMR
= 25
= 50
= 100
= 250
= 500
= 1000
= 2 reels/2500 ea
= 2 reels/5000 ea
See
below
Material and Color Chart
Material
Color
Panduit
Suffix
Material
Color
Panduit
Suffix
Nylon 6.6
Natural
Heat Stabilized Nylon 6.6
Natural
39
Weather Resistant Nylon 6.6
Black
0
Nylon 6.6
Fluorescent Orange
53
Weather Resistant Nylon 6.6
Nylon 6.6
Fluorescent Yellow
54
(meets Mil. Spec.)
Black
00
Nylon 6.6
Fluorescent Green
55
Nylon 6.6
Brown
1
Nylon 6.6
Fluorescent Pink
59
Nylon 6.6
Red
2
Flame Retardant Nylon 6.6
Black
60
Nylon 6.6
Orange
3
Flame Retardant Nylon 6.6
Natural (Ivory)
69
Nylon 6.6
Yellow
4Y
PEEK (Polyetheretherketone)
Translucent Brown
71
Nylon 6.6
Green
5
TEFZEL■
Aqua Blue
76
Nylon 6.6
Blue
6
Metal Detectable
Blue
86
Nylon 6.6
Purple
7
Weather Resistant Polypropylene
Black
100
Nylon 6.6
Gray
8
Polypropylene
Green
109
Nylon 6.6
White
10
Nylon 12
Black
120
Nylon 6.6
Telephone Gray
14
Heat Stabilized Weather Resistant
Black
300
Nylon 6.6
Black
20
Nylon 6.6
Heat Stabilized Nylon 6.6
Black
30
HALAR▲
Maroon
702Y
Denotes Panduit Natural Nylon 6.6 (no suffix).
■TEFZEL is a registered trademark of E. I. du Pont de Nemours and Company.
▲HALAR is a registered trademark of Solvay Solexis, Inc.
Part Number Availability List
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6
Material/Color Suffix
Part Number
Natural
Nylon 6.6
Material/Color Suffix
PLC1M-S4-C
0
PLC1M-S4-M
0, 30
PLC1.5I-S8-C
0
PLC1.5I-S8-M
0, 30
PLC2S-S6-C
0
PLC2S-S6-M
0
PLC2S-S10-C
0, 14
PLC2S-S10-M
0, 20, 30
PLC3S-S10-C
0
PLC3S-S10-M
0
PLC4S-S10-C
0
PLC4S-S10-M
0, 30
PLC2H-S25-L
PLC2H-S25-TL
0, 30
PLC4H-S25-L
0
PLC4H-S25-TL
0, 30
PLF1M-C
0
PLF1M-M
0, 2, 3, 4Y, 6, 10, 69
PLF1MA-C
3, 4Y
PLF1MA-M
0, 2, 3, 4Y, 5, 6, 10
PLF1MB-C
PLF1MB-M
PLF1MC-M
3
PLM1M-C
0
PLM1M-M
0, 1, 2, 3, 4Y, 5, 6, 7, 8, 10, 69
PLM2M-C
PLM2M-M
0, 4Y, 6
PLM2S-C
0, 4Y
PLM2S-D
0, 2, 3, 4Y, 5, 6, 8
PLM4S-C
PLM4S-D
0, 2, 4Y, 6
PL2M2S-L
0
PL2M2S-D
0, 4Y, 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com