Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

856880 Fiches technique(PDF) 5 Page - TriQuint Semiconductor

No de pièce 856880
Description  1880 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIQUINT [TriQuint Semiconductor]
Site Internet  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856880 Fiches technique(HTML) 5 Page - TriQuint Semiconductor

  856880 Datasheet HTML 1Page - TriQuint Semiconductor 856880 Datasheet HTML 2Page - TriQuint Semiconductor 856880 Datasheet HTML 3Page - TriQuint Semiconductor 856880 Datasheet HTML 4Page - TriQuint Semiconductor 856880 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Part Number 856880
1880 MHz SAW Filter
Data Sheet
Subject to change or obsolescence without notice
Rev A
10/10
TriQuint Semiconductor
Page 5 of 5
Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Unit
Operating Temperature Range
T
-30
+85
oC
Storage Temperature Range
Tstg
-40
+85
oC
Input Power
(1)
Pin
-
+22
dBm
Note:
1. Input Power is targeted for an applied CW modulated RF signal at 55
0C for 125 hours
Important Notes
Warnings
Electrostatic Sensitive Device (ESD)
Avoid ultrasonic exposure
RoHS Compliance
This product complies with EU directive 2002/95/EC (RoHS)
Solderability
Compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
Links to Additional Technical Information
PCB Layout Tips
Qualification Flowchart
Soldering Profile
S-Parameters
RoHS Information
Other Technical Information
TriQuint’s liability is limited only to the Surface Acoustic Wave (SAW) component(s) described in this data sheet. TriQuint does not accept any liability
for applications, processes, circuits or assemblies, which are implemented using any TriQuint component described in this data sheet.
Contact Information
PO Box 609501
Orlando, FL, 2860-9501
USA
Phone: +1 (407) 886-8860
Fax: +1 (407) 886-7061
Email: info-product@tqs.com
Web: www.triquint.com
Or contact one of our worldwide
Network of sales offices,
Representatives or distributors
Pb



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com