Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC5010 Fiches technique(PDF) 30 Page - Semtech Corporation

No de pièce SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Fiches technique(HTML) 30 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation SC5010 Datasheet HTML 28Page - Semtech Corporation SC5010 Datasheet HTML 29Page - Semtech Corporation SC5010 Datasheet HTML 30Page - Semtech Corporation SC5010 Datasheet HTML 31Page - Semtech Corporation SC5010 Datasheet HTML 32Page - Semtech Corporation SC5010 Datasheet HTML 33Page - Semtech Corporation SC5010 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
SC5010
30
Definition of Registers and Bits
Fault Status Register
This register monitors various fault conditions.
Bit Field
Definition
Read / Write Description
0x00 [7]
CLF
W
Clear latching flags bit.
(Set = 1 to clear OTP, LED_OPEN, LED_SHORT and mask OVP for 32 to 64μs)
0x00 [5]
LED_SHORT
R
LED string short circuit fault status
1 = One or more LED strings short-circuit detected
0 = no LED string short-circuit detected
0x00 [4]
LED_OPEN
R
LED string open circuit fault status
1 = One or more LED strings open-circuit detected
0 = no LED string open-circuit detected
0x00 [3]
SYNC_GD
R
SYNC good signal indication
1 = SYNC input is detected
0 = no SYNC signal detected
0x00 [2]
OTP
R
Thermal shutdown status
1 = OTP (Over-Temperature Protection) fault detected
0 = no OTP (Over-Temperature Protection) fault detected
0x00 [1]
OVP
R
Output Over-Voltage (OVP) fault
1 = Output OVP fault detected
0 = no output OVP fault detected
0x00 [0]
FAULT
R
OR of all fault conditions
1 = any one, or some, or all of the fault conditions detected
0 = no fault detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36