| Moteur de recherche de fiches techniques de composants électroniques |
|
RDMAR16R2R Fiches technique(PDF) 3 Page - E-SWITCH |
|
|
|||||||||||||||||||||||||||||
RDMAR16R2R Fiches technique(HTML) 3 Page - E-SWITCH |
|
3 / 4 page ![]() www.e-switch.com 800.867.2717 4 rDm SerieS rotary Dip Switch generAl code p1 - VerticAl Ø.80 (6PLS) [Ø.031 in] 7.40 [.291 in] 2.54 [.100 in] 5.08 [.200 in] 7.62 [.300 in] C 4 2 C 8 1 VerticAl p1 pcB lAyout 4 2 9 10 2 8 1 5 6 7 3 7 6 8 9 8 A C B 12 D 13 11 14 4 0 1 C 0 15 5 4 3 2 1 E F COMPLEMENT CODE 6 6 5 4 2 3 1 0 4 2 1 3 8 7 D E F 13 14 15 8 0 4 1 2 5 B C 12 11 7 8 C 10 9 9 A REAL CODE 16 POSITION (ACTUATOR COLOR: IVORY) 16 POSITION (ACTUATOR COLOR: GRAY) terminAtion options .25 [.010 in] 7.62 [.300 in] 3.65 [.144 in] 3.50 [.138 in] .50 [.020 in] 2.54 [.100 in] 2.54 [.100 in] 4 2 2 C 8 s1 - VerticAl .25 [.010 in] 9.50 [.374 in] 3.85 [.152 in] 2 4 8 C 2 2.54 [.100 in] .50 [.020 in] 5.08 [.200 in] 7.62 [.300 in] 1.00 [.039 in] 10.50 [.413 in] 5.08 [.200 in] 3.00 [.118 in] 2 C 4 8 C 1 VerticAl s1 pcB lAyout COMPLEMENT CODE C 2 1 0 4 3 2 1 8 8 4 5 6 7 9 10 POSITION (ACTUATOR COLOR: ORANGE) 2 1 5 4 6 3 7 9 8 0 1 2 C 4 8 REAL CODE 10 POSITION (ACTUATOR COLOR: RED) |