Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CBOR-B Fiches technique(PDF) 1 Page - Glenair, Inc.

No de pièce CBOR-B
Description  CB Series ?쏱ogoPin??Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CBOR-B Fiches technique(HTML) 1 Page - Glenair, Inc.

  CBOR-B Datasheet HTML 1Page - Glenair, Inc. CBOR-B Datasheet HTML 2Page - Glenair, Inc. CBOR-B Datasheet HTML 3Page - Glenair, Inc. CBOR-B Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
10
E-Mail: sales@glenair.com
CB Series “PogoPin” Connectors
All dimensions in millimeters (mm). Information subject to change without notice.
Receptacles feature non-removable solder cup contacts or printed circuit
board terminals. Contacts are plated with hard gold. Stainless steel connector
body and jam nut. Shell is plated with black chromate finish. Silicone face seal
prevents water ingress when unmated. Open face pressure rating 0.4 bar. 5000
cycles mating durability.
7 Pin Panel Mount Receptacle
7 Pin Receptacle
Connector Mating Face
and Key Positions
Receptacle Connectors for Panel Mounting - 7 Contacts
Mounting
Style
Fig.
Contact
Type
Polarizing
Position 1
(Blue)
Polarizing
Position 2
(Yellow)
Polarizing
Position 3
(Green)
Polarizing
Position 4
(Pink)
Jam Nut
Fig. 1 Solder Cup
CB07C1L0
CB07C2L0
CB07C3L0
CB07C4L0
Jam Nut
Fig. 1 Short PC Tail
CB07C1L1
CB07C2L1
CB07C3L1
CB07C4L1
Jam Nut
Fig. 1 Long PC Tail
CB07C1L2
CB07C2L2
CB07C3L2
CB07C4L2
Jam Nut w/ Thd. Fig. 2 Solder Cup
CB07T1L0
CB07T2L0
CB07T3L0
CB07T4L0
Jam Nut w/ Thd. Fig. 2 Short PC Tail
CB07T1L1
CB07T2L1
CB07T3L1
CB07T4L1
Jam Nut w/ Thd. Fig. 2 Long PC Tail
CB07T1L2
CB07T2L2
CB07T3L2
CB07T4L2
Flange
Fig. 3 Solder Cup
CB07B1L0
CB07B2L0
CB07B3L0
CB07B4L0
Flange
Fig. 3 Short PC Tail
CB07B1L1
CB07B2L1
CB07B3L1
CB07B4L1
Flange
Fig. 3 Long PC Tail
CB07B1L2
CB07B2L2
CB07B3L2
CB07B4L2
Thread-In
Fig. 4 Solder Cup
CB07Q1L0
CB07Q2L0
CB07Q3L0
CB07Q4L0
Thread-In
Fig. 4 Short PC Tail
CB07Q1L1
CB07Q2L1
CB07Q3L1
CB07Q4L1
Thread-In
Fig. 4 Long PC Tail
CB07Q1L2
CB07Q2L2
CB07Q3L2
CB07Q4L2
Position A
B
Color
Code
1
90°
120°
White
2
105°
130°
Yellow
3
110°
135°
Green
4
100°
165°
Pink
Contact Types
Solder cup contacts accept up to
#20 AWG stranded wire (1mm max.
diameter). PC tail contacts are available
in two lengths: 3.5 mm and 8.0 mm
Style 1
1 Jamnutreceptacleforrearpanel
mounting (3.5 mm maximum panel
thickness). Supplied with stainless
steel jam nut and flat washer. Nitrile
O-ring provides watertight panel
seal. 13 grams maximum weight.
2 JamnutreceptaclewithM14X1
accessory threads for rear panel
mounting (3.5 mm max. panel
thickness). Supplied with stainless
steel jam nut and flat washer. Nitrile
O-ring provides watertight panel
seal. 13 grams maximum weight.
3 Twoholeflangemountreceptacle
for front panel mounting. Mounting
holes accept M3 screws, not
supplied. Use with optional gasket or
O-ring for watertight panel sealing.
16 grams maximum weight.
4 "Thread-in"receptaclewithPG9
threads for installation directly into
a tapped hole. Supplied with O-ring.
16 grams maximum weight.
A
C
D
E
F
G
B
A
B
C
D
E
F
G
A
B
Jam Nut Receptacle
SHORT PC TAIL
Ø 0.53 x 3.5
SOLDER CUP
#20 AWG
8
Style 2
Style 3
Style 4


Numéro de pièce similaire - CBOR-B

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
CBOR-B GLENAIR-CBOR-B Datasheet
298Kb / 3P
Qualifi ed Connectors
More results

Description similaire - CBOR-B

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
240-063 GLENAIR-240-063 Datasheet
305Kb / 3P
CB Series ?쏱ogoPin??Connectors
CBBSPG7-T GLENAIR-CBBSPG7-T Datasheet
237Kb / 5P
CB Series ?쏱ogoPin??Connectors
logo
Taiyo Yuden (U.S.A.), I...
CB2012T100KR TAIYO-YUDEN-CB2012T100KR_19 Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T150K TAIYO-YUDEN-CB2012T150K_19 Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T220M TAIYO-YUDEN-CB2012T220M_19 Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T470K TAIYO-YUDEN-CB2012T470K_19 Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2012T680M TAIYO-YUDEN-CB2012T680M_19 Datasheet
288Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T1R5M TAIYO-YUDEN-CB2016T1R5M Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T3R3M TAIYO-YUDEN-CB2016T3R3M Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T4R7M TAIYO-YUDEN-CB2016T4R7M Datasheet
289Kb / 3P
Wire-wound Chip Power Inductors (CB series)[CB]
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com