Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFS090 Fiches technique(PDF) 84 Page - Microsemi Corporation

No de pièce AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Fiches technique(HTML) 84 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 80Page - Microsemi Corporation AFS090 Datasheet HTML 81Page - Microsemi Corporation AFS090 Datasheet HTML 82Page - Microsemi Corporation AFS090 Datasheet HTML 83Page - Microsemi Corporation AFS090 Datasheet HTML 84Page - Microsemi Corporation AFS090 Datasheet HTML 85Page - Microsemi Corporation AFS090 Datasheet HTML 86Page - Microsemi Corporation AFS090 Datasheet HTML 87Page - Microsemi Corporation AFS090 Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 334 page
background image
Device Architecture
2- 68
R e visio n 2
Figure 2-54 • One Port Write / Other Port Read Same
Figure 2-55 • RAM Reset. Applicable to both RAM4K9 and RAM512x18.
A0
A2
A3
A0
A1
A4
CLK1
ADDR1
CLK2
ADDR2
DIN1
D0
D2
D3
D0
D1
D0
DOUT2
(flow-through)
DOUT2
(Pipelined)
tCKQ2
tCKQ1
tWRO
tAS
tAH
tDS tDH
tAS
tAH
Dn
Dn
CLK
RESET
DOUT|RD
Dn
tCYC
tCKH
tCKL
tRSTBQ
Dm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More