Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AFS090 Fiches technique(PDF) 285 Page - Microsemi Corporation

No de pièce AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Fiches technique(HTML) 285 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 281Page - Microsemi Corporation AFS090 Datasheet HTML 282Page - Microsemi Corporation AFS090 Datasheet HTML 283Page - Microsemi Corporation AFS090 Datasheet HTML 284Page - Microsemi Corporation AFS090 Datasheet HTML 285Page - Microsemi Corporation AFS090 Datasheet HTML 286Page - Microsemi Corporation AFS090 Datasheet HTML 287Page - Microsemi Corporation AFS090 Datasheet HTML 288Page - Microsemi Corporation AFS090 Datasheet HTML 289Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
4 -3
QN180
Note
For Package Manufacturing and Environmental information, visit the Resource Center at
http://www.microsemi.com/soc/products/solutions/package/default.aspx.
Note:
The die attach paddle center of the package is tied to ground (GND).
A1
B1
C1
A16
B15
C14
A48
Pin A1 Mark
Optional Corner
Pad (4X)
A49
A64
A32
A17
B45
B46
B60
B30
B16
C42
C43
C56
C28
C15
A33
B31
C29
D4
D3
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More