Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMS24 Fiches technique(PDF) 5 Page - Protek Devices

No de pièce SMS24
Description  MULTI-LINE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMS24 Fiches technique(HTML) 5 Page - Protek Devices

  SMS24 Datasheet HTML 1Page - Protek Devices SMS24 Datasheet HTML 2Page - Protek Devices SMS24 Datasheet HTML 3Page - Protek Devices SMS24 Datasheet HTML 4Page - Protek Devices SMS24 Datasheet HTML 5Page - Protek Devices SMS24 Datasheet HTML 6Page - Protek Devices SMS24 Datasheet HTML 7Page - Protek Devices SMS24 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05132.R7 2/11
Page 5
SMS05 - SMS24C
APPLICATIoN INFoRMATIoN
FIGURE 1 - CoMMoN-MoDE I/o PoRT PRoTECTIoN (UNIDIRECTIoNAL)
Circuit connectivity is as follows:
• Line 1 connected to pin 1.
• Line 2 connected to pin 3.
• Line 3 connected to pin 4.
• Line 4 connected to pin 6.
• Pin 5 connected to ground.
• Pin 6 not connected.
CIRCUIT BoARD RECoMMENDATIoNS
Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended:
• The protection device should be placed near the input terminals or connectors, the device will divert the transient current
immediately before it can be coupled into the nearby traces.
• The path length between the TVS device and the protected line should be minimized.
• All conductive loops including power and ground loops should be minimized.
• The transient current return path to ground should be kept as short as possible to reduce parasitic inductance.
• Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
1
6
5
2
3
4
Line 1
Line 2
Line 3
Line 4
1
6
5
2
3
4
Line 1
Line 2
Line 3
Line 4
FIGURE 1 - CoMMoN-MoDE I/o PoRT PRoTECTIoN (BIDIRECTIoNAL)
Circuit connectivity is as follows:
• Line 1 connected to pin 1.
• Line 2 connected to pin 3.
• Line 3 connected to pin 4.
• Line 4 connected to pin 5.
• Pin 6 connected to ground.
• Pin 2 not connected.



Html Pages

1 2 3 4 5 6 7 8