Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAM15ST4305 Fiches technique(PDF) 6 Page - Protek Devices

No de pièce PAM15ST4305
Description  500 WATT LOW CAPACITANCE STEERING KIODE/TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM15ST4305 Fiches technique(HTML) 6 Page - Protek Devices

  PAM15ST4305 Datasheet HTML 1Page - Protek Devices PAM15ST4305 Datasheet HTML 2Page - Protek Devices PAM15ST4305 Datasheet HTML 3Page - Protek Devices PAM15ST4305 Datasheet HTML 4Page - Protek Devices PAM15ST4305 Datasheet HTML 5Page - Protek Devices PAM15ST4305 Datasheet HTML 6Page - Protek Devices PAM15ST4305 Datasheet HTML 7Page - Protek Devices PAM15ST4305 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05359.R0 12/11
Page 6
PAM15ST4305
SoT-143 PAckAge inFoRMATion
ouTline diMenSionS
diM
MilliMeTeRS
incheS
Min
MAX
Min
MAX
A
2.80
3.04
0.110
0.120
B
1.20
1.39
0.047
0.055
C
0.84
1.14
0.033
0.045
D
0.39
0.50
0.015
0.020
F
0.79
0.93
0.031
0.037
G
1.78
2.03
0.070
0.080
J
0.08
0.15
0.003
0.006
K
0.46
0.60
0.018
0.024
L
0.445
0.60
0.0175
0.024
L1
0.40
0.60
0.016
0.024
R
0.72
0.83
0.028
0.033
S
2.11
2.48
0.083
0.098
noTeS
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: inches.
3. Dimensions are exclusive of mold flash and metal burrs.
PAd lAyouT diMenSionS
diM
MilliMeTeRS
incheS
Min
MAX
Min
MAX
A
1.88
2.13
0.074
0.084
B
1.80
2.06
0.071
0.081
C
0.71
0.97
0.028
0.038
D
0.76
1.02
0.030
0.040
E
1.07
1.32
0.042
0.052
F
0.71
0.97
0.028
0.038
noTeS
1. Controlling dimension: inches.
A
G
L
B S
F
D
K
J
C
R
H
L1
A
B
C
D
E
F



Html Pages

1 2 3 4 5 6 7 8