| Moteur de recherche de fiches techniques de composants électroniques |
|
MSMF12C Fiches technique(PDF) 4 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
MSMF12C Fiches technique(HTML) 4 Page - Protek Devices |
|
4 / 6 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05195.R5 3/11 Page 4 MSMF05C- MSMF24C Sot-563 PaCkaGe inFoRMation outline DiMenSionS DiM MilliMeteRS inCheS Min MaX Min MaX A 1.50 1.70 0.059 0.067 B 1.10 1.30 0.043 0.051 C 0.50 0.60 0.020 0.024 D 0.17 0.27 0.007 0.011 G 0.50 BSC 0.020 BSC J 0.08 0.18 0.003 0.007 K 0.10 0.30 0.004 0.012 S 1.50 1.70 0.059 0.067 noteS 1. Controlling dimension: inches. 2. Dimensioning and tolerances per ANSI Y14.5M, 1985. 3. Dimensions are exclusive of mold flash and metal burrs. PaD layout DiMenSionS DiM MilliMeteRS inCheS noMinal noMinal A 1.40 0.055 B 1.02 0.040 C 0.30 0.012 D 0.51 0.020 E 0.51 0.020 noteS 1. Controlling dimension: inches. A B D G J C K S 1 A B D C E |