| Moteur de recherche de fiches techniques de composants électroniques |
|
HT66F03T3 Fiches technique(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F03T3 Fiches technique(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 14 page ![]() Block Diagram The following block diagram illustrates the dual-chip structure of the devices, where an individual MCU and RF Transmitter devices are combined into a single package. HT66F03T3/HT68F03T3 8-Bit Flash MCU with RF Transmitter Rev. 1.30 3 July 4, 2011 F l a s h / E E P R O M P r o g r a m m i n g C i r c u i t r y ( I S P ) W a t c h d o g T i m e r 8 - b i t R I S C M C U C o r e R e s e t C i r c u i t I n t e r r u p t C o n t r o l l e r E R C / H X T / L I R E / L X T O s c i l l a t o r s 1 2 - B i t A / D C o n v e r t e r H I R C O s c i l l a t o r E E P R O M D a t a M e m o r y F l a s h P r o g r a m M e m o r y R A M D a t a M e m o r y T M 0 L o w V o l t a g e R e s e t L o w V o l t a g e D e t e c t T M 1 C o m p a r a t o r s T B 0 / T B 1 I / O R F T r a n s m i t t e r Note: The A/D Converter function only exists in the HT66F03T3 device. R F M o d u l e D I N V S S P A O U T X O U T X I N A V S S E N P A 0 / C + / A N 0 P A 1 / C - / A N 1 / V R E F P A 2 / C X / [ T P 0 ] / A N 2 P A 3 / I N T / T C K 1 / T P 0 / A N 3 P A 5 / [ T P 0 ] / O S C 2 P A 6 / [ T C K 0 ] / [ T P 1 ] / O S C 1 P A 7 / [ I N T ] / [ T C K 0 ] / [ T C K 1 ] / [ T P 1 ] / R E S V D D A V D D P A 4 / T C K 0 / T P 1 / D O U T C R E F C R E F H T 6 6 F 0 3 H T 6 8 F 0 3 Internal Chip Interconnection Diagram Note: The AN0~AN3 and VREF shared-pin functions only exist in the HT66F03T3 device. |