Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R94 Fiches technique(PDF) 3 Page - Holtek Semiconductor Inc

No de pièce HT46R94
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R94 Fiches technique(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R94 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R94 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Pin Description
Pin Name
I/O
Configuration
Option
Description
PA0/BZ
PA1/BZ
PA2/TMR0
PA3/TMR1
PA4/PWM0
PA5/PWM1
PA6/PWM2
PA7/PFD
I/O
Pull-high,
Wake-up,
BZ/BZ,
PWM0~PWM2,
PFD
Bidirectional 8-bit input/output port. Each individual pin on this port can be config-
ured as a wake-up input by a configuration option. Software instructions deter-
mine if the pin is a CMOS output or Schmitt Trigger input. A configuration option
determines if all pins on the port have pull-high resistors. Pins PA0, PA1, PA2,
PA3, PA4, PA5, PA6 and PA7 are pin-shared with BZ, BZ, TMR0, TMR1, PWM0,
PWM1, PWM2 and PFD, respectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4/AN4
PB5/AN5
PB6/AN6
PB7/AN7
I/O
¾
Bidirectional 8-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. PB is pin-shared with the A/D input pins.
The A/D inputs are selected via software instructions. Once selected as an A/D in-
put, the I/O function is disabled automatically.
PC0~PC3
PC4/COM0
PC5/COM1
PC6/COM2
PC7/COM3
O
¾
8-bit CMOS output port.
PC4~PC7 can be used as COM0~COM3.
PD0/INT
PD1~PD7
I/O
O
¾
8-bit CMOS output port. PD0 is pin-shared with the external interrupt input pin.
PE0~PE7
O
¾
8-bit CMOS output port.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal, deter-
mined by configuration option, for the internal system clock. If the RC system
clock option is selected, pin OSC2 can be used to measure the system clock at
1/4 frequency.
OSC3
OSC4
I
O
¾
OSC3 and OSC4 are connected to an external 32768Hz crystal oscillator to im-
plement a system clock and real time clock.
RES
I
¾
Schmitt Trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
VREF
A/D Reference voltage input pin.
VDDB
VDDC
¾¾
PB & PC port positive power supply
VSSD,
VSSE
¾¾
PD & PE port negative power supply, ground
Note:
1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. As the table applies to the larger package size not all pins may exist on the smaller packages.
HT46R94
Rev. 1.10
3
November 5, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62