Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADL5243ACPZ-R7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADL5243ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADL5243ACPZ-R7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADL5243ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5243ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADL5243
Data Sheet
Rev. A | Page 10 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
PIN 1
INDICATOR
1
VDD
2
NC
3
NC
4
DSAIN
5
NC
6
AMP1OUT/VCC
7
NC
8
NC
24 VDD
23 NC
22 NC
21 DSAOUT
20 NC
19 AMP2IN
18 NC
17 NC
TOP VIEW
(Not to Scale)
ADL5243
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 24
VDD
Supply Voltage for DSA. Connect this pin to a 5 V supply.
2, 3, 5, 7, 8, 9, 11, 12, 13, 14,
17, 18, 20, 22, 23
NC
No Connect. Do not connect to this pin.
4
DSAIN
RF Input to DSA.
6
AMP1OUT/VCC
RF Output from Amplifier 1/Supply Voltage for Amplifier 1. Bias to Gain Block
Amplifier 1 is provided through a choke to this pin when connected to VCC.
10
AMP1IN
RF Input to Gain Block Amplifier 1.
15
AMP2OUT/VCC2
RF Output from Amplifier 2/Supply Voltage for Amplifier 2. Bias to Driver Amplifier 2 is
provided through a choke to this pin when connected to VCC2.
16
VBIAS
Bias for Driver Amplifier 2.
19
AMP2IN
RF Input to Amplifier 2.
21
DSAOUT
RF Output from DSA.
25
D6
Data Bit in Parallel Mode (LSB). Connect to supply in serial mode.
26
D5
Data Bit in Parallel Mode. Connect to ground in serial mode.
27
D4
Data Bit in Parallel Mode. Connect to ground in serial mode.
28
D3
Data Bit in Parallel Mode. Connect to ground in serial mode.
29
D2/LE
Data Bit in Parallel Mode/Latch Enable in Serial Mode.
30
D1/DATA
Data Bit in Parallel Mode (MSB)/Data in Serial Mode.
31
D0/CLK
Connect this pin to ground in parallel mode. This pin functions as a clock in serial
mode.
32
SEL
Select Pin. Connect this pin to the supply for parallel mode operation; connect this pin
to ground for serial mode operation.
EPAD
Exposed Paddle. The exposed paddle must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32