| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7944 Fiches technique(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7944 Fiches technique(HTML) 11 Page - Analog Devices |
|
11 / 28 page ![]() ADA4896-2/ADA4897-1 Rev. 0 | Page 11 of 28 NC 1 –IN 2 +IN 3 –VS 4 8 +VS 7 OUT 6 NC 5 ADA4897-1 DISABLE NC = NO CONNECT. DO NOT CONNECT TO THIS PIN. Figure 6. 8-Lead SOIC Pin Configuration ADA4897-1 OUT 1 –VS 2 +IN 3 +VS 6 5 –IN 4 DISABLE Figure 7. 6-Lead SOT-23 Pin Configuration Table 9. ADA4897-1Pin Function Descriptions Pin No. SOIC SOT-23 Mnemonic Description 1, 5 N/A NC Do not connect to this pin. 2 4 −IN Inverting Input. 3 3 +IN Noninverting Input. 4 2 −VS Negative Supply. 6 1 OUT Output. 7 6 +VS Positive Supply. 8 5 DISABLE Disable. |