Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP145 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce TIP145
Description  SILICON POWER DARLINGTON COMPLEMENTARY TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP145 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  TIP145 Datasheet HTML 1Page - Central Semiconductor Corp TIP145 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-218 TRANSISTOR CASE - MECHANICAL OUTLINE
TIP140
TIP141
TIP142
NPN
TIP145
TIP146
TIP147
PNP
SILICON POWER DARLINGTON
COMPLEMENTARY TRANSISTORS
R2 (1-August 2008)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
Note: Tab is common to lead 2.
MARKING:
FULL PART NUMBER



Html Pages

1 2