Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP36 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce TIP36
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP36 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  TIP36 Datasheet HTML 1Page - Central Semiconductor Corp TIP36 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
TO-218 TRANSISTOR CASE - MECHANICAL OUTLINE
TIP35 TIP35A TIP35B TIP35C NPN
TIP36 TIP36A TIP36B TIP36C PNP
COMPLEMENTARY SILICON
POWER TRANSISTORS
R1 (29-October 2008)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
Note: Tab is common to lead 2.
MARKING:
FULL PART NUMBER



Html Pages

1 2