Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP41 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce TIP41
Description  NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TIP41 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  TIP41 Datasheet HTML 1Page - Central Semiconductor Corp TIP41 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP41
TIP41A
TIP41B
TIP41C
NPN SILICON
POWER TRANSISTOR
TO-220 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Base
2) Collector
3) Emitter
Tab) Collector
MARKING:
FULL PART NUMBER
www.centralsemi.com
R1 (13-December 2010)



Html Pages

1 2