| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC33FJ06GS101 Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101 Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 386 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318F-page 8 © 2008-2012 Microchip Technology Inc. Pin Diagrams (Continued) 44-Pin VTLA(2) AN4/CMP2C/CMP3A/RP9(1)/CN9/RB9 AN5/CMP2D/CMP3B/RP10(1)/CN10/RB10 OSC1/CLKI/AN6/CMP3C/CMP4A/RP1(1)/CN1/RB1 OSC2/CLKO/AN7/CMP3D/CMP4B/RP2(1)/CN2/RB2 AN8/CMP4C/RP17(1)/CN17/RC1 AN10/RP26(1)/CN26/RC10 VDD AN11/RP25(1)/CN25/RC9 VSS PWM2H/RP13(1)/CN13/RB13 TCK/PWM3L/RP12(1)/CN12/RB12 TMS/PWM3H/RP11(1)/CN11/RB11 VCAP VSS RP20(1)/CN20/RC4 RP19(1)/CN19/RC3 RP22(1)/RN22/RC6 RP21(1)/CN21/RC5 PGEC1/SDA/RP7(1)/CN7/RB7 PWM2L/RP14(1)/CN14/RB14 AN3/CMP1D/CMP2B/RP0(1)/CN0/RB0 AN2/CMP1C/CMP2A/RA2 Note 1: The RPn pins can be used by any remappable peripheral. See the “TABLE 1: “dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Controller Families”” table for the list of available peripherals. 2: The metal plane at the bottom of the device is not connected to any pins and is recommended to connect to VSS externally. = Pins are up to 5V tolerant 1 12 41 40 39 38 37 36 35 34 2 3 4 5 6 7 8 30 29 28 27 26 25 24 23 13 14 15 16 17 18 19 9 10 11 22 20 21 33 32 31 42 43 44 dsPIC33FJ16GS504 |