| Moteur de recherche de fiches techniques de composants électroniques |
|
MSC1202Y2RHHT Fiches technique(PDF) 83 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSC1202Y2RHHT Fiches technique(HTML) 83 Page - Texas Instruments |
|
83 / 92 page ![]() MSC1200 MSC1201 MSC1202 SBAS317E − APRIL 2004 − REVISED MAY 2006 www.ti.com 83 Watchdog Timer (WDTCON) 7 6 5 4 3 2 1 0 Reset Value SFR FFh EWDT DWDT RWDT WDCNT4 WDCNT3 WDCNT2 WDCNT1 WDCNT0 00h EWDT Enable Watchdog (R/W). bit 7 Write 1/Write 0 sequence sets the Watchdog Enable Counting bit. DWDT Disable Watchdog (R/W). bit 6 Write 1/Write 0 sequence clears the Watchdog Enable Counting bit. RWDT Reset Watchdog (R/W). bit 5 Write 1/Write 0 sequence restarts the Watchdog Counter. WDCNT4−0 Watchdog Count (R/W). bits 4−0 Watchdog expires in (WDCNT + 1) • HMSEC to (WDCNT + 2) • HMSEC, if the sequence is not asserted. There is an uncertainty of 1 count. NOTE: If HCR0.3 (EWDR) is set and the watchdog timer expires, a system reset is generated. If HCR0.3 (EWDR) is cleared and the watchdog timer expires, an interrupt is generated (see Table 6). |