Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC1201Y2RHHT Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce MSC1201Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1201Y2RHHT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button MSC1201Y2RHHT Datasheet HTML 4Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 5Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 6Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 7Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 8Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 9Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 10Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 11Page - Texas Instruments MSC1201Y2RHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
8
AC ELECTRICAL CHARACTERISTICS(1): DVDD = 2.7V to 5.25V
MSC120x
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
PHASE LOCK LOOP (PLL)
Input Frequency Range
External Crystal/Clock Frequency (fOSC)
32.768
kHz
PLL LF Mode
PLLDIV = 449 (default)
14.8
MHz
PLL HF Mode
PLLDIV = 899 (must be set by user), DVDD = 5V
29.5
MHz
PLL Lock Time
Within 1%
2
ms
INTERNAL OSCILLATOR (IO)
See Typical Characteristics
IO LF Mode
DVDD = 5V
14.8
MHz
IO HF Mode
DVDD = 5V
29.5
MHz
IO Settling Time
Within 1%
1
ms
(1) Parameters are valid over operating temperature range, unless otherwise specified.
EXTERNAL CLOCK DRIVE CLK TIMING: SEE FIGURE 1
2.7V to 3.6V
4.75V to 5.25V
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNITS
External Clock Mode
fOSC(1)
External Crystal Frequency (fOSC)
1
20
1
33
MHz
1/tOSC(1)
External Clock Frequency (fOSC)
0
20
0
33
MHz
fOSC(1)
External Ceramic Resonator Frequency (fOSC)
1
12
1
12
MHz
tHIGH
High Time(2)
15
10
ns
tLOW
Low Time(2)
15
10
ns
tR
Rise Time(2)
5
5
ns
tF
Fall Time(2)
5
5
ns
(1) tCLK = 1/fOSC = one oscillator clock period for clock divider = 1.
(2) These values are characterized but not 100% production tested.
t
R
t
HIGH
V
IH
V
IH
0.8V
0.8V
V
IH
V
IH
0.8V
0.8V
t
LOW
t
OSC
t
F
Figure 1. External Clock Drive CLK
SERIAL FLASH PROGRAMMING TIMING: SEE FIGURE 2
SYMBOL
PARAMETER
MIN
MAX
UNITS
tRW
RST width
2 tOSC
—
ns
tRRD
RST rise to P1.0 internal pull high
—
5
µs
tRFD
RST falling to CPU start
—
18
ms
tRS
Input signal to RST falling setup time
tOSC
—
ns
tRH
RST falling to P1.0 hold time
18
—
ms
NOTE: P1.0 is internally pulled−up with ~11k
Ω during RST high.
P1.0/PROG
RST
t
RFD,tRH
t
RS
t
RRD
t
RW
Figure 2. Serial Flash Programming Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com