| Moteur de recherche de fiches techniques de composants électroniques |
|
LM2901D Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
LM2901D Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd |
|
1 / 4 page ![]() Low Power Low Offset Voltage Quad Comparators LM2901 DESCRIPTION: Outline Drawing The LM2901 consists of four independent precision voltage comparators.These were designed specifically to operate from a signal power supply over a wide range of voltage.Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.The LM2901 also have a unique characteristic in that the input common-mode voltage range includes ground,even though operated from a single power supply voltage. FEATURE: Low input biasing current:25nA(TYP.). DIP14 Low input offset current: ±5.0nA(TYP.). Low output saturation voltage:130mV. Output voltage compatible with TTL,CMOS. SOP14 PIN CONFIGURATION BLOCK DIAGRAM TIGER ELECTRONIC CO.,LTD LM2901N/D LM2901N LM2901D 1/4 |
Numéro de pièce similaire - LM2901D |
|
Description similaire - LM2901D |