| Moteur de recherche de fiches techniques de composants électroniques |
|
5KP60C Fiches technique(PDF) 2 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
5KP60C Fiches technique(HTML) 2 Page - Tiger Electronic Co.,Ltd |
|
2 / 4 page ![]() TL, LEAD TEMPERATURE FIG.4-STEADY STATE POWER DERATING CURVE 10 8 6 4 2 0 25 50 75 100 125 150 175 200 60Hz RESISTIVE OR INDUCTIVE LOAD REVERSE VOLTAGE,VOLTS FIG.2-TYPICAL JUNCTION CAPACITANCE 1 100 10000 1000 100 10 4 10 1000 MEASURED AT TJ=25℃ STAND-OFF VOLTAGE TP, PULSE WIDTH FIG.3-PULSE RATING CURVE 0.1us 100 10 1.0 0.1 1.0us 10us 100us 1.0ms 10ms TA=25℃, SHOWN IN FIG.5 NON-REPETIVE PULSE WAVE FORM TA AMBIENT TEMPERATURE,℃ FIG.1-PULSE DERATING CURVE 10*1000 WAVEFORM AS DEFINED BY R.E.A 50 0 100 75 25 25 50 75 100 125 150 175 200 0 T, TIME (ms) FIG.5 -PULSE WAVEFORM TJ =25℃ TP Pulse with (Tp) is defined as that point where the peak current decays to 50% of IRSM 10*1000waveform as defined by R.E.A TR=10us Peak value(IRSM) Half value = 2 IRSM 100 50 0 1.0 2.0 3.0 4.0 0 5KP Series TVS Transient Voltage Suppressor |