| Moteur de recherche de fiches techniques de composants électroniques |
|
5KP28C Fiches technique(PDF) 4 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
5KP28C Fiches technique(HTML) 4 Page - Tiger Electronic Co.,Ltd |
|
4 / 4 page ![]() Type Number Type Number Reverse Standoff Voltage Max. Reverse Leakage Max. Clamping Voltage Max. Peak Pulse Max. Voltage Temp. (UNI) (BI) VR(V) Min(V) Max(V) It(mA) IR(uA) Vc(V) Ipp(A) %/℃ 5KP33 5KP33C 33.00 36.70 44.90 5.0 10 59.0 86.00 41 5KP33A 5KP33CA 33.00 36.70 40.60 5.0 10 53.3 94.00 38 5KP36 5KP36C 36.00 40.00 48.90 5.0 10 64.3 78.00 45 5KP36A 5KP36CA 36.00 40.00 44.20 5.0 10 58.1 86.00 40 5KP40 5KP40C 40.00 44.40 54.30 5.0 10 71.4 70.00 50 5KP40A 5KP40CA 40.00 44.40 49.10 5.0 10 64.5 78.00 45 5KP43 5KP43C 43.00 47.80 58.40 5.0 10 76.7 65.00 54 5KP43A 5KP43CA 43.00 47.80 52.80 5.0 10 69.4 72.00 49 5KP45 5KP45C 45.00 50.00 61.10 5.0 10 80.3 62.00 57 5KP45A 5KP45CA 45.00 50.00 55.30 5.0 10 72.7 69.00 51 5KP48 5KP48C 48.00 53.30 65.10 5.0 10 85.5 58.00 62 5KP48A 5KP48CA 48.00 53.30 58.90 5.0 10 77.4 65.00 55 5KP51 5KP51C 51.00 56.70 69.30 5.0 10 91.1 55.00 65 5KP51A 5KP51CA 51.00 56.70 62.70 5.0 10 82.4 61.00 60 5KP54 5KP54C 54.00 60.00 73.30 5.0 10 96.3 52.00 70 5KP54A 5KP54CA 54.00 60.00 66.30 5.0 10 87.1 57.00 64 5KP58 5KP58C 58.00 64.40 78.70 5.0 10 103.0 49.00 77 5KP58A 5KP58CA 58.00 64.40 71.20 5.0 10 93.6 53.00 69 5KP60 5KP60C 60.00 66.70 81.50 5.0 10 107.0 47.00 79 5KP60A 5KP60CA 60.00 66.70 73.70 5.0 10 96.8 52.00 70 5KP64 5KP64C 64.00 71.10 86.90 5.0 10 114.0 44.00 85 5KP64A 5KP64CA 64.00 71.10 78.60 5.0 10 103.0 49.00 75 5KP70 5KP70C 70.00 77.80 95.10 5.0 10 125.0 40.00 93 5KP70A 5KP70CA 70.00 77.80 86.00 5.0 10 113.0 44.00 84 5KP75 5KP75C 75.00 83.30 102.00 5.0 10 134.0 37.00 100 5KP75A 5KP75CA 75.00 83.30 92.10 5.0 10 121.0 41.00 90 5KP78 5KP78C 78.00 86.70 106.00 5.0 10 139.0 36.00 104 5KP78A 5KP78CA 78.00 86.70 95.80 5.0 10 126.0 40.00 94 5KP85 5KP85C 85.00 94.40 115.00 5.0 10 151.0 33.00 113 5KP85A 5KP85CA 85.00 94.40 104.00 5.0 10 137.0 36.00 102 5KP90 5KP90C 90.00 100.00 122.00 5.0 10 160.0 31.00 120 5KP90A 5KP90CA 90.00 100.00 111.00 5.0 10 146.0 34.00 109 5KP100 5KP100C 100.00 111.00 136.00 5.0 10 179.0 28.00 134 5KP110 5KP110C 110.00 122.00 149.00 5.0 10 196.0 26.00 147 5KP120 5KP120C 120.00 133.00 163.00 5.0 10 215.0 23.00 158 5KP150 5KP150C 150.00 166.00 204.00 5.0 10 268.0 18.50 200 5KP180 5KP180C 180.00 200.00 244.00 5.0 10 320.0 15.00 240 Breakdown Voltage BV Lolts@lt NOTES: Suffix'C' denotes bidirectional device . Suffix'A' denotes 5% tolerance device .no suffix denotes 10% tolerance devive . 1. For bidirectional devices having VR of 10volts and under ,the IR limit is doubled . 5KP Series TVS Transient Voltage Suppressor |