Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTS2002B2DN3F Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STTS2002B2DN3F
Description  2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS2002B2DN3F Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STTS2002B2DN3F Datasheet HTML 44Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 45Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 46Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 47Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 48Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 49Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 50Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 51Page - STMicroelectronics STTS2002B2DN3F Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Package mechanical data
STTS2002
48/52
Doc ID 15389 Rev 5
Figure 19.
Carrier tape for TDFN8 package
T
K0
P1
A0
B0
P2
P0
CENTER LINES
OF CAVITY
W
E
F
D
TOP COVER
TAPE
USER DIRECTION OF FEED
AM03073v1
Table 33.
Carrier tape dimensions TDFN8 package
Package
W
D
E
P0
P2
FA0
B0
K0
P1
TUnit
Bulk
Qty
TDFN8
8.00
+0.30
–0.10
1.50
+0.10/
–0.00
1.75
±0.10
4.00
±0.10
2.00
±0.10
3.50
±0.05
2.30
±0.10
3.20
±0.10
1.10
±0.10
4.00
±0.10
0.30
±0.05
mm 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52