| Moteur de recherche de fiches techniques de composants électroniques |
|
VOF-25-3.3 Fiches technique(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VOF-25-3.3 Fiches technique(HTML) 3 Page - CUI INC |
|
3 / 5 page ![]() cui.com CUI Inc │ SERIES: VOF-25 │ DESCRIPTION: AC-DC POWER SUPPLY date 09/20/2011 │ page 3 of 5 MECHANICAL parameter conditions/description min typ max units dimensions 3.5 x 2 x 0.98 (88.9 x 51 x 24.9 mm) inch weight 0.09 kg cooling method free air convection or forced air (see derating curves below) MATING CONNECTORS parameter conditions/description ac input (CN1) mates with Molex housing 09-50-3031 with Molex 2878 series crimp contact dc output (CN2) mates with Molex housing 09-50-3041 with Molex 2878 series crimp contact DERATING CURVES 60 100 80 40 60 20 0 20 0 5 0 1 40 30 Ambient temperature (°C) Ambient temperature (°C) Convection Forced air (0.5m /min) (18 CFM) Forced air (0.5m /min) (18 CFM) 3 3 2 1 2 1 0 0 30 40 50 10 20 0 20 60 40 80 100 60 220 100 80 40 60 20 0 0 85 110 Input Voltage Vac 264 90 1 MOUNTING METHOD 1. output power vs. ambient temperature 2. output power vs. input voltage a. 3.3, 5 V models all models b. all other models Horizontal (performance evaluations conducted under this mounting method) |