| Moteur de recherche de fiches techniques de composants électroniques |
|
VOF-10-5 Fiches technique(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
VOF-10-5 Fiches technique(HTML) 3 Page - CUI INC |
|
3 / 5 page ![]() cui.com CUI Inc │ SERIES: VOF-10 │ DESCRIPTION: AC-DC POWER SUPPLY date 09/20/2011 │ page 3 of 5 MECHANICAL parameter conditions/description min typ max units dimensions 2.56 x 1.77 x 1.04 (65 x 45 x 26.5 mm) inch cooling method free air convection (see derating curve below) DERATING CURVES MOUNTING METHOD Horizontal (performance evaluations conducted under this mounting method) |