Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VOF-6-3.3 Fiches technique(PDF) 3 Page - CUI INC

No de pièce VOF-6-3.3
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

VOF-6-3.3 Fiches technique(HTML) 3 Page - CUI INC

  VOF-6-3.3 Datasheet HTML 1Page - CUI INC VOF-6-3.3 Datasheet HTML 2Page - CUI INC VOF-6-3.3 Datasheet HTML 3Page - CUI INC VOF-6-3.3 Datasheet HTML 4Page - CUI INC VOF-6-3.3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-6 │ DESCRIPTION: AC-DC POWER SUPPLY
date
09/20/2011 │ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.17 x 1.38 x 0.65 (55.4 x 35 x 16 mm)
inch
cooling method
free air convection (see derating curve below)
DERATING CURVES
MOUNTING METHOD
Horizontal
(performance evaluations conducted under this mounting method)



Html Pages

1 2 3 4 5