| Moteur de recherche de fiches techniques de composants électroniques |
|
BPW34FS Fiches technique(PDF) 2 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
BPW34FS Fiches technique(HTML) 2 Page - Siemens Semiconductor Group |
|
2 / 5 page ![]() BPW 34 F, BPW 34 FS BPW 34 FS (E9087) Semiconductor Group 2 1998-08-27 Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified. Typ Type Bestellnummer Ordering Code BPW 34 F Q62702-P929 BPW 34 FS Q62702-P1604 BPW 34 FS (E9087) Q62702-P1826 4.5 4.3 Photosensitive area Cathode lead GEO06863 6.7 6.2 Chip position 1.1 0.9 2.65 mm x 2.65 mm 1.8 ±0.2 BPW 34 FAS (E9087) BPW 34 FS 4.5 4.3 Photosensitive area Cathode lead GEO06916 6.7 6.2 Chip position 1.1 0.9 2.65 mm x 2.65 mm 1.8 ±0.2 |