Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M690SDM-R01 Fiches technique(PDF) 5 Page - Integrated Device Technology

No de pièce M690SDM-R01
Description  SIGE SINGLE FREQUENCY VCSO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

M690SDM-R01 Fiches technique(HTML) 5 Page - Integrated Device Technology

  M690SDM-R01 Datasheet HTML 1Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 2Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 3Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 4Page - Integrated Device Technology M690SDM-R01 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M690SDM Datasheet Rev 2.0
5 of 5
Revised 27Jan2012
Integ r a t ed De vice Te chno log y, Inc.
●
Ne t c o m E a st
●
ww w. i d t . c o m
●
tel (774 ) 3 48-160 0
M690SDM
SIGE SINGLE FREQUENCY VCSO
P e r f o r m a nc e Da t a sh ee t
ORDERING INFORMATION
Part Numbering Scheme
Figure 4: Part Numbering Scheme
Example Order Numbers
M690SDM Standard Output Frequencies & Order
Codes
Consult IDT for the availability of other frequencies
For Output Frequencies (MHz)
Frequency
Order Part Number
M690SDM-xxx
1747.623000
M690SDM-R01
1747.030837
M690SDM-R02
Table 7: Example Order Numbers
M690SD
Part Number:
M680-01 -
See Table 8 at right for frequency order codes.
Device Number
Consult IDT for other frequencies and order codes.
M690SDM
Output Frequency Order Code
xxx
Output Frequency
Code
Output Frequency
MHz
R01
1747.623000
R02
1747.030837
R03
1748.366885
R04
1748.793733
Table 8: M690SDM Standard Output Frequencies & Order



Html Pages

1 2 3 4 5