Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9LPRS501 Fiches technique(PDF) 6 Page - Integrated Device Technology

No de pièce ICS9LPRS501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS501 Fiches technique(HTML) 6 Page - Integrated Device Technology

Back Button ICS9LPRS501 Datasheet HTML 2Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 3Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 4Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 5Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 6Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS501 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator + Integrated Series Resistor
1121F—02/23/09
Advance Information
ICS9LPRS501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR + INTEGRATED SERIES RESISTOR
6
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
GNDREF
1
48
SRCT6
X2
2
47 SRCC6
X1
3
46 VDDSRC
VDDREF
4
45
PCI_STOP#/SRCT5
REF0/FSLC/TEST_SEL
5
44 CPU_STOP#/SRCC5
SDATA
6
43 VDDSRC_IO
SCLK
7
42 SRCC10
PCI0/CR#_A
8
41 SRCT10
VDDPCI
9
40 SRCT11/CR#_H
PCI1/CR#_B 10
39 SRCC11/CR#_G
PCI2/TME 11
38 SRCC9
PCI3 12
37 SRCT9
PCI4/SRC5_EN 13
36 GNDSRC
PCI_F5/ITP_EN 14
35 SRCC4
GNDPCI 15
34 SRCT4
VDD48 16
33 VDDSRC_IO
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
ICS9LPRS501
MLF Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28