| Moteur de recherche de fiches techniques de composants électroniques |
|
SP0504BAHTG Fiches technique(PDF) 1 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SP0504BAHTG Fiches technique(HTML) 1 Page - Littelfuse |
|
1 / 7 page ![]() 72 ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. SPA™ Silicon Protection Array Products Surface Mount TVS Avalanche Diode Array SP050xBA Lead-Free/Green Series SP050xBA Lead-Free/Green Series Description Features Applications The surface mount family of arrays are designed to suppress ESD and other transient overvoltage events. These arrays are used to meet the International Electrotechnical Compatibility (IEC transient immunity standards IEC 61000-4-2 for Electrostatic Discharge Requirements). The series are used to help protect sensitive digital or analog input circuits on data, signal, or control lines with voltage levels up to 5VDC. The monolithic silicon arrays are comprised of specially designed structures for transient voltage suppression(TVS). The size and shape of these structures have be tailored for transient protection. The low capacitance and clamp voltage are ideal for high speed signal line protection. Assistants (PDA) equipment (Laptop, Palmtop computers) (USB1.1) Pinout 1 2 3 SP0502BAHTG SP0502BAJTG RoHS Pb GREEN small SC70, SOT-23, SOT-143, MSOP or TSSOP packages - IEC 61000-4-2, Direct Discharge ........ 20kV (Level 4) - IEC 61000-4-2, Air Discharge.............. 30kV (Level 4) - MIL STD 883 3015.7..........................................30kV ..................................................<1ns ...................................30pF Typical ..................... -40ºC to 85ºC 1 2 3 4 SP0503BAHTG 1 2 3 4 5 SP0504BAHTG SP0504BAJTG 1 2 3 4 6 5 SP0505BAHTG 8 76 5 4 3 2 1 SP0504BAATG 8 76 5 4 3 2 1 SP0506BAATG SP0505BAJTG HF |
Numéro de pièce similaire - SP0504BAHTG |
|
Description similaire - SP0504BAHTG |