| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54SRF Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
BAT54SRF Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 3 page ![]() BAT54 / A / C / S 200mW SMD Schottky Barrier Diode Small Signal Diode Electrical Characteristics IR= IF= IF= IF= IF= IF= Reverse current VR= Total Capacitance Tape & Reel specification V 1mA 10mA 100mA -- 0.40 -- 0.80 Reel width W1 12.30 ±0.20 D1 55 Min Feed hole width Carrier length B 2.77 ±0.10 Dimension(mm) Carrier width A 3.15 ±0.10 Item Symbol Reel inner diameter Carrier depth C 1.22 ±0.10 1.50 ± 0.10 Reel outside diameter D 178 ± 1 Sprocket hole d 0.229 ±0.013 D2 13.0 ± 0.20 Sprocke hole position E 1.75 ±0.10 Punch hole position Sprocke hole pitch F 3.50 ±0.05 Tape width W 8.10 ±0.20 P0 4.00 ±0.10 Embossment center P1 2.00 ±0.05 Overall tape thickness T -- VR=1V, f=1.0MHz Reverse Breakdown Voltage 100μA 0.1mA 30mA 25V Reverse Recovery Time IF=IR=10mA, RL=100Ω, IRR=1mA V(BR) CT μA pF nS 10 5.0 trr IR Units V V V V V Max Min -- 0.24 0.50 2.0 0.32 -- Symbol Type Number -- 30 -- -- Forward Voltage VF -- Top Cover Tape Carieer Tape Any Additional Label (If Required) TSC label W1 D1 D2 D T C d P1 P0 A B F W E Direction of Feed Version : D11 |